Part Number Hot Search : 
80CLQ150 01061 81PFF W51F20 SMA5935B 6308G 30090 MZ4103
Product Description
Full Text Search
 

To Download 2SD1163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1163,2SD1163A
*Wit
DESCRIPTION h TO-220 package *Low collector saturation voltage APPLICATIONS *TV horizontal deflection output,
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER 2SD1163 VCBO Collector-base voltage 2SD1163A 2SD1163 VCEO Collector-emitter voltage 2SD1163A VEBO IC ICM IC(surge) PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Collector current-surge Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base 150 6 7 10 20 40 150 -55~150 V A A A W Open emitter 350 120 V CONDITIONS VALUE 300 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1163,2SD1163A
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SD1163 IC=10mA ;RBE=: 2SD1163A IE=10mA ;IC=0 150 6 2.0 IC=5A, IB=0.5A 2SD1163A IC=5A, IB=0.5A VCB=300V;IE=0 VCB=350V;IE=0 IC=5A ; VCE=5V 25 1.0 1.2 5 5 V mA mA V V CONDITIONS MIN 120 V TYP MAX UNIT
SYMBOL
V(BR)CEO
Collector-emitter breakdown voltage
V(BR)EBO
Emitter-base breakdown voltage 2SD1163
VCEsat
Collector-emitter saturation voltage
VBEsat
Base-emitter saturation voltage 2SD1163 2SD1163A
ICBO
Collector cut-offcurrent
hFE
DC current gain
Switching times tf Fall time ICM=3.5A;IB1 =0.45A 0.5 s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1163,2SD1163A
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X